PART |
Description |
Maker |
AS7C331MPFD32A-36A_V1.1 AS7C331MPFD36A-200TQIN AS7 |
LM4041 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 1M X 36 STANDARD SRAM, 3.1 ns, PQFP100 LM4041 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3 1M X 36 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 1M x 32/36 pipelined burst synchronous SRAM 1M X 32 STANDARD SRAM, 3.8 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3 LM4040 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 LM4041 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C331MNTF32-36A.V1.2 AS7C331MNTF36A-85TQIN AS7C3 |
LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 1M X 32 ZBT SRAM, 8.5 ns, PQFP100 LM4040 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 1M X 32 ZBT SRAM, 7.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 33Vz 7.5mA-Izt 0.05 5uA-Ir 25.1Vr DO41-GLASS 5K/AMMO 3.3V 1M x 32/36 Flowthrough SRAM with NTD From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AD1580BRTZ-R2 AD1580ARTZ-REEL7 AD1580BKSZ-REEL7 AD |
1.2 V Micropower, Precision 1.2 V Micropower, Precision Shunt Voltage Reference 1.2 V Micropower, Precision Shunt Voltage Reference
|
Analog Devices
|
NJM2825 NJM2825F |
Precision Micropower Shunt Voltage Reference
|
New Japan Radio
|
LM4040A20IDBZR LM4040A20IDBZT LM4040A20IDCKR LM404 |
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
|
VISAY[Vishay Siliconix]
|
AD1580ARTZ-REEL |
1.2 V Micropower, Precision Shunt Voltage Reference
|
Analog Devices
|
AD1580BRT-REEL |
20-25mA; 1.2V; micropower, precision shunt voltage reference
|
Analog Devices
|
AS4041 |
Precision Micropower 1.24V Shunt Voltage Reference
|
Sipex Corporation
|
TCN4040E-2.5EZB TCN4040 TCN4040C-2.5ENB TCN4040C-2 |
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE 精密微功耗并联电压基
|
TelCom Semiconductor, Inc. TELCOM[TelCom Semiconductor, Inc]
|
NJU6623 |
1.2-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 3-TO-92 -40 to 85
|
New Japan Radio Co., Ltd.
|
AQ4041EZ-M3-12-TRL AQ4041EZ-C5-12-TRL AQ4041EY-M3- |
Precision Micropower Shunt Voltage Reference SOT23, SC70, and TO92 Package
|
Acutechnology Semiconductor
|
MAX9051 MAX9039 MAX9041 MAX9052 MAX9042 MAX9053 MA |
4-Bit Binary Full Adders With Fast Carry 16-CFP -55 to 125 "SOT23, Micropower Comparator plus Precision 2.5V Refenece" " Micropower, Comparator and Reference in UCSP" "SOT23, Micropower Comparator plus Precision 2.048V Refenece" " SOT23, Micropower Comparator plus Precision 2.5V Refenece" "Dual, Micropower Comparator plus Precision 2.048V Refenece" Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|